PART |
Description |
Maker |
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4D11205F2-03-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 12 x Large bore signal contacts, 3 x 16 AWG Power contacts
|
HARWIN INC
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4000000F1-06-327-00-000 M80-4000000F1-06-325-0 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 2 x 14 AWG Power contacts
|
Harwin PLC HARWIN INC
|
050-0 050-010-455A 050-034-455 050-040-455 050-006 |
6 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:10; Contact Termination:IDC; Gender:Female; Contact Plating:Gold 10 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:40; Contact Termination:IDC; Gender:Female; Contact Plating:Gold; Leaded Process Compatible:Yes 40 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; No. of Contacts:34; Contact Termination:IDC; Gender:Female; Contact Plating:Gold RoHS Compliant: Yes 34 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET 6 to 64 contact sockets
|
ITW Pancon
|
3005W5SXX99A30X |
D-SUB COMBINATION FEMALE 5W5S WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
UTL6122G21W5S |
FEMALE PLUG SIZE 12 LAYOUT 8 CONTACTS
|
List of Unclassifed Man...
|
M80-4S1240500-01-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical Connector, No jackscrews, 24 x SMT signal contacts, 1 x 3mm PC Tail Coax contact 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
|